Part Number Hot Search : 
BD249 4731A BC042 M39Y5V 8050D C4137 LCX16 BC042
Product Description
Full Text Search
 

To Download UHB20FCT-E34W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay general semiconductor uh20fct& uhb20fct document number 88964 10-nov-06 www.vishay.com 1 new product dual common-cathode ultrafast recovery rectifier features ? oxide planar chip junction ? ultrafast recovery times ? soft recovery characteristics ? low switching losses, high efficiency ? high forward surge capability ? meets msl level 1, per j-std-020c, lf max peak of 245 c (for to-263ab package) ? solder dip 260 c, 40 seconds (for to-220ab package) ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications for use in high frequency power factor correctors, switching mode power supplies, free-wheeling diodes and secondary dc-to-dc rectification application. mechanical data case: to-220ab & to-263ab epoxy meets ul 94v- 0 flammability rating terminals: matte tin plated leads, solderable per j-std-002b and jesd22-b102d e3 suffix for commercial grade polarity: as marked mounting torque: 10 in-lbs maximum to-220ab 1 2 3 to-263ab 1 2 k case pin 2 pin 1 pin 3 uh20fct k heatsink pin 1 pin 2 uhb20fct major ratings and characteristics i f(av) 10 a x 2 v rrm 300 v i fsm 180 a t rr 25 ns v f 0.83 v t j max 175 c maximum ratings (t a = 25 c unless otherwise noted) parameter symbol uh20fct uhb20fct unit maximum repetitive peak reverse voltage v rrm 300 v maximum average forward rectified current (see fig.1) per device per diode i f(av) 20 10 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load per diode i fsm 180 a operating junction and storage temperature range t j , t stg - 55 to + 175 c electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol typ. max. unit maximum instantaneous forward voltage per diode (1) at i f = 5.0 a, i f = 5.0 a, t j = 25 c t j = 125 c v f 0.96 0.77 - - v at i f = 10 a, i f = 10 a, t j = 25 c t j = 125 c 1.0 0.83 1.2 0.90 maximum reverse current per diode (1) at v r = 300 v t j = 25 c t j = 125 c i r 0.5 25 5 150 a
www.vishay.com 2 document number 88964 10-nov-06 vishay general semiconductor uh20fct& uhb20fct note: (1) pulse test: 300 s pulse width, 1 % duty cycle ratings and characteristics curves (t a = 25 c unless otherwise noted) maximum reverse recovery time at i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 20 25 ns maximum reverse recovery time per diode at i f = 1.0 a, di/dt = 50 a/s, v r = 30 v, i rr = 0.1 i rm t rr 28 35 ns typical softness factor (tb/ta) at i f = 10 a, di/dt = 200 a/s, v r = 200 v, t j = 125 c per diode s0.36 - - typical reverse recovery current i rm 7.0 - a typical stored charge q rr 160 - nc typical forward recovery time per diode at i f = 10 a, di/dt = 80 a/s, v fr = 1.1 x v fmax t fr 150 - ns electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol typ. max. unit thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol uh20fct uhb20fct unit typical thermal resistance per diode r jc 2.0 2.0 c/w ordering information package preferred p/n unit weight (g) package code base quantity delivery mode to-220ab uh20fct-e3/4w 1.88 4w 50/tube tube to-263ab uhb20fct-e3/4w 1.38 4w 50/tube tube to-263ab uhb20fct-e3/8w 1.38 8w 800/reel tape & reel figure 1. maximum forward current derating curve 0 25 50 75 100 125 150 175 0 4 8 12 16 20 24 case temperat u re (c) a v erage for w ard rectified c u rrent (a) figure 2. forward power loss characteristics per diode 0 1 2 3 4 5 6 7 8 9 10 11 12 02 46 8 10 12 a v erage for w ard c u rrent (a) a v erage po w er loss ( w ) d = 0.3 d = 0.5 d = 0. 8 d = 1.0 d = 0.2 d = 0.1 t d - tp/t tp
document number 88964 10-nov-06 www.vishay.com 3 uh20fct& uhb20fct vishay general semiconductor figure 3. maximum non-repetitive peak forward surge current per diode figure 4. typical instantaneous forw ard characteristics per diode 20 40 60 8 0 100 120 140 160 1 8 0 200 1 10 100 nu m b er of cycles peak for w ard s u rge c u rrent (a) t j = t j max. 10 ms single half sine- w a v e 0.1 1 10 100 0.2 0.3 0.4 0.5 0.6 0.7 0. 8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) t j = 125 c t j = 175 c t j = 25 c figure 5. typical reverse leakage characteristics per diode figure 6. typical junction capacitance per diode 0.001 0.01 0.1 1 10 100 1000 10 20 30 40 50 60 70 8 0 90 100 percent of rated peak re v erse v oltage ( % ) instantaneo u s re v erse c u rrent ( a) t j = 125 c t j = 175 c t j = 25 c 1 10 100 1000 0.1 1 10 100 re v erse v oltage ( v ) j u nction capacitance (pf) t j = 25 c f = 1.0 mhz v stg = 50 m v p-p
www.vishay.com 4 document number 88964 10-nov-06 vishay general semiconductor uh20fct& uhb20fct package outline dimensions in inches (millimeters) t o-220ab 1 3 pi n 0.1 8 5 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.145 (3.6 8 ) 0.135 (3.43) 0.350 ( 8 . 8 9) 0.330 ( 8 .3 8 ) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.36) 0.110 (2.79) 0.100 (2.54) 0.603 (15.32) 0.573 (14.55) 0.154 (3.91) 0.14 8 (3.74) 0.113 (2. 8 7) 0.103 (2.62) 0.160 (4.06) 0.140 (3.56) 0.635 (16.13) 0.625 (15. 8 7) 0.415 (10.54) max. 0.370 (9.40) 0.360 (9.14) 0.02 8 (0.70) 0.104 (2.65) 0.096 (2.45) 0.035 (0.90) 0.205 (5.20) 0.195 (4.95) 0.105 (2.67) 0.095 (2.41) 0.057 (1.45) 0.045 (1.14) 2 1.14 8 (29.16) 1.11 8 (2 8 .40) 0.3 8 0 (9.65) 0.41 1 (10.45) 0.320 ( 8 .13) 0.360 (9.14) 0.591(15.00) 0.624 (15. 8 5) 1 2 0.245 (6.22) mi n k k 0.160 (4.06) 0.190 (4. 8 3) 0.045 (1.14) 0.055 (1.40) 0.014 (0.36) 0.021 (0.53) 0.110 (2.79) 0.140 (3.56) 0.110 (2.79) 0.090 (2.29) 0.047 (1.19) 0.055 (1.40) 0-0.01 (0-0.254) 0.027 (0.6 8 6) 0.037 (0.940) 0.105 (2.67) 0.095 (2.41) 0.205 (5.20) 0.195 (4.95) to-263ab 0.105 (2.67) 0.0 8 (0.095) (2.41) (2.032) 0.42 (10.66) 0.670 (17.02) 0.591 (15.00) 0.15 (3. 8 1) 0.33 ( 8 .3 8 ) mountin g pad layout mi n . mi n . mi n . mi n .
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of UHB20FCT-E34W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X